Part Number Hot Search : 
SI4778DY XP514618 STUS053 CDRH104 RA45H CAPA110 1N522 PIC16C65
Product Description
Full Text Search
 

To Download SF1060FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 pin 16.5 0.3 10.2 0.2 15.0 0.5 4.0 0.3 13.5 0.5 2.6 0.15 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3.30.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost diffusde junction low forward voltage drop high current capability case:jed ec ito-220ab,molded plastic polarity: as marked weight: 0.06 ounce, 1.67grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. units maximum recurrent peak reverse voltage v rrm v max imu m rms v o lt a ge v rms v max imu m dc bl oc kin g v o lt ag e v dc v maximum average forw ard rectif ied current @t c =100 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 5.0a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 max imu m r e v e r s e r ec o v e r y t ime ( no t e1 ) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 50 1.3 1.7 0.98 70 a 5.0 10 easily cleaned with alcohol,isopropanol and similar solvents i f (av) 3. thermal resistance f rom junction to ambient. a 60 i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1.0mh z and applied rev erse v oltage of 4.0v dc. - 55 ----- + 150 - 55 ----- + 150 35 sf sf sf sf sf sf 100 200 300 400 500 600 the plastic material carries u/l recognition 94v-0 voltage range: 50 --- 600 v cur rent: 10 a ito-220ab 3.0 250 500 a maximum ratings and electrical characteristics 70 140 210 280 350 420 100 200 300 400 500 600 10 1010f 1020f 1030f 1040f 1050f 1060f c c c c c c dimensions in millimeters sf1010fc-SF1060FC super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.6 .4 .8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 tj=25 c pulse width=300 s 1% duty cycle o sf1010fc~sf1020fc sf1030fc~sf1040fc sf1050fc~SF1060FC amperes amperes amperes fig.2 -- typical forward characteristic fig.3 -- forward derating curve z fig.4 -- typical junction capacitance fig.5 -- peak forward surge current case temperature, peak forward surge curren t number of cycles at 60hz reverse voltage,volts fig.1 -- test circuit diagram and reverse recovery time characteristic average forward current set time base for 10 ns/cm junction capacitance,pf notes:1.rise time = 7ns max.input impedance = 1m .2 2p f. jjjjj 2.rise time =10ns max.source impedance=50 . instantaneous forward voltage, volts instantaneous forward current t rr -1 .0 a -0 .2 5 a 0 +0.5a 1cm t j =25 1 2 4 6 10 20 40 60 100 200 0.1 0.2 0.4 1 2 4 10 40 100 20 sf1030fc- sf1010fc-- pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 2.0 4.0 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0 175 6.0 8.0 10 12 0 24 72 11 0 100 36 5 8.3ms single half sine-wave 50 60 48 12 84 sf1020fc SF1060FC sf1010fc-SF1060FC super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SF1060FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X